Part Number Hot Search : 
CDA15 5225B SMS4003K 5225B DR623CT 1PMT4635 M8085AH 9X388
Product Description
Full Text Search
 

To Download AT88SC6416CRF09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1. Features
* One of a Family of Devices with User Memory of 1 Kbit to 64 Kbits * Contactless 13.56 MHz RF Communications Interface
- ISO/IEC 14443-2:2001 Type B Compliant - ISO/IEC 14443-3:2001 Type B Compliant Anticollision Protocol - Command Set Optimized for Multicard RF Communications - Tolerant of Type A Signaling for Multiprotocol Applications Integrated 82 pF Tuning Capacitor User EEPROM Memory - 64 Kbits Configured as Sixteen 512-byte (4-Kbit) User Zones - Byte, Page, and Partial Page Write Modes - Self-timed Write Cycle 256-byte (2-Kbit) Configuration Zone - User-programmable Application Family Identifier (AFI) - User-defined Anticollision Polling Response - User-defined Keys and Passwords High-Security Features - 64-bit Mutual Authentication Protocol (under license of ELVA) - Encrypted Checksum - Stream Encryption - Four Key Sets for Authentication and Encryption - Eight Sets of Two 24-bit Passwords - Password and Authentication Attempts Counters - Selectable Access Rights by Zone - Antitearing Function - Tamper Sensors High Reliability - Endurance: 100,000 Write Cycles - Data Retention: 10 Years - Operating Temperature: -40C to +85C
* *
*
13.56 MHz CryptoRF(R) EEPROM Memory 64 Kbits
AT88SC6416CRF
*
Summary
*
2. Description
The CryptoRF(R) family integrates a 13.56 MHz RF interface into a CryptoMemory(R), resulting in a contactless smart card with advanced security and cryptographic features. This device is optimized as a contactless secure memory, for RF smart cards, and secure data storage, without the requirement of an internal microprocessor. For communications, the RF interface utilizes the ISO/IEC 14443-2 and -3 Type B bit timing and signal modulation schemes, and the ISO/IEC 14443-3 Slot-MARKER Anticollision Protocol. Data is exchanged half duplex at a 106-kbit/s rate, with a two-byte CRC_B providing error detection capability. The maximum communication range between the reader antenna and contactless card is approximately 10 cm when used with an RFID reader that transmits the maximum ISO/IEC 14443-2 RF power level. The RF interface powers the other circuits; no battery is required. Full compliance with the ISO/IEC 14443-2 and -3 standards results in anticollision interoperability with the AT88RF020 2-Kbit RFID EEPROM product and provides both a proven RF communication interface and a robust anticollision protocol.
Rev. 5006DS-CRRF-04/09
The AT88SC6416CRF contains 64 Kbits of user memory and 2 Kbits of configuration memory. The 2 Kbits of configuration memory contain eight sets of read/write passwords, four crypto key sets, security access registers for each user zone, and password/key registers for each zone. The CryptoRF command set is optimized for a multicard RF communications environment. A programmable AFI register allows this IC to be used in numerous applications in the same geographic area with seamless discrimination of cards assigned to a particular application during the anticollision process.
3. Block Diagram
Figure 3-1. Block Diagram
RF Interface
AC1 Command and Response EEPROM
VSS
R
ec
C
Over Voltage Clamp
Modulator
r
Regulator
VDD
Data Transfer
tif
ie
Password Verification
AC2
Clock Extraction Data Extraction
Frame Formatting and Error Detection Interface
Anticollision
Authentication Encryption and Certification Unit
Random Number Generator
2
AT88SC6416CRF
5006DS-CRRF-04/09
AT88SC6416CRF
4. Communications
All personalization and communication with this device is performed through the RF interface. The IC includes an integrated tuning capacitor, enabling it to operate with only the addition of a single external coil antenna. The RF communications interface is fully compliant with the electrical signaling and RF power specifications in ISO/IEC 14443-2:2001 for Type B only. Anticollision operation and frame formatting are compliant with ISO/IEC 14443-3:2001 for Type B only. ISO/IEC 14443 nomenclature is used in this specification where applicable. The following abbreviations are utilized throughout this document. Additional terms are defined in the section in which they are used. * PCD - Proximity Coupling Device: the reader/writer and antenna * PICC - Proximity Integrated Circuit Card: the tag/card containing the IC and antenna * RFU - Reserved for Future Use: any feature, memory location, or bit that is held as reserved for future use * $ xx - Hexadecimal Number: denotes a hex number "xx" (Most Significant Bit on left)
4.1
Anticollision Protocol
When the PICC enters the 13.56 MHz RF field of the host reader (PCD), it performs a power on reset (POR) function and waits silently for a valid Type B polling command. The CryptoRF PICC processes the antitearing registers as part of the POR process. The PCD initiates the anticollision process by issuing an REQB or WUPB command. The WUPB command activates any card (PICC) in the field with a matching AFI code. The REQB command performs the same function but does not affect a PICC in the Halt state. The CryptoRF command set is available only after the anticollision process has been completed.
4.2
CRC Error Detection
A two-byte CRC_B is required in each frame transmitted by the PICC or PCD to permit transmission error detection. The CRC_B is calculated on all of the command and data bytes in the frame. The SOF, EOF, start bits, stop bits, and EGT are not included in the CRC_B calculation. The two-byte CRC_B follows the data bytes in the frame. Figure 4-1.
SOF
Location of the Two CRC_B Bytes within a Frame
K data bytes CRC1 CRC2 EOF
4.3
Type A Tolerance
The RF Interface is designed for use in multiprotocol applications. It will not latch or lock up if exposed to Type A signals and will not respond to them. The PICC may reset in the presence of Type A field modulation but is not damaged by exposure to Type A signals.
3
5006DS-CRRF-04/09
5. User Memory
The EEPROM user memory is divided into 16 user zones as shown in the memory map in Table 5-1. Multiple zones allow for different types of data or files to be stored in different zones. Access to the user zones is allowed only after security requirements have been met. These security requirements are defined by the user in the configuration memory during personalization of the device. The EEPROM memory page length is 32 bytes. Table 5-1.
Zone $000 User 0 - - $1F8 User 1 - - - User 14 $000 - 512 Bytes
Memory Map
$0 $1 $2 $3 $4 $5 $6 $7
- $1F8 $000
User 15
- - $1F8
512 Bytes
6. Configuration Memory
The configuration memory consists of 2048 bits of EEPROM memory used for storing system data, passwords, keys, codes, and security-level definitions for each user zone. Access rights to the configuration zone are defined in the control logic and may not be altered by the user. These access rights include the ability to program certain portions of the configuration memory and then lock the data written through use of the security fuses.
6.1
Security Fuses
There are three fuses on the device that must be blown during the device personalization process. Each fuse locks certain portions of the configuration memory as OTP memory. Fuses are designated for the module manufacturer, card manufacturer and card issuer and must be blown in sequence.
4
AT88SC6416CRF
5006DS-CRRF-04/09
AT88SC6416CRF
7. Communication Security
Communication between the PICC and reader operates in three basic modes. Standard mode is the default mode for the device after power-up and anticollision. Authentication mode is activated by a successful authentication sequence. Encryption mode is activated by a successful encryption activation, following a successful authentication. Table 7-1.
Mode Standard Authentication Encryption Notes:
Configuration Security Modes
User Data clear clear encrypted Passwords clear encrypted encrypted Data Integrity Check MDC(1) MAC(2) MAC(2)
1. Modification Detection Code 2. Message Authentication Code
7.1
Security Methodology
Figure 7-1. Security Methodology
Device (card)
Card Number VERIFY A Compute Challenge B Challenge B
Host (reader)
COMPUTE Challenge A Challenge A VERIFY B Read Password (RPW) VERIFY CS (optional) Write Password (WPW) DATA CS
Check Password (RPW) DATA Checksum (CS) Check Password (WPW) VERIFY CS Write DATA
7.2
Memory Access
Depending on the device configuration, the host will carry out the authentication protocol and/or present different passwords for each operation: read or write. To insure security between the different user zones (multiapplication card), each zone can use a different set of passwords. A specific attempts counter for each password and for the authentication provides protection against systematic attacks.
5
5006DS-CRRF-04/09
8. Security Operations
8.1 Antitearing
In the event of a power loss during a write cycle, the integrity of the device's stored data may be recovered. This function is optional: the host may choose to activate the antitearing function depending on application requirements. When antitearing is active, write commands take longer to execute since more write cycles are required to complete them. Data writes are limited to 8byte pages when antitearing is active. Data is written first to a buffer zone in EEPROM instead of to the intended destination address, but with the same access conditions. The data is then written to the required location. If this second write cycle is interrupted due to a power loss, the device will automatically recover the data from the buffer zone at the next power-up.
8.2
Password Verification
Passwords may be used to protect user zones read and/or write access. When a password is presented using the Check Password command, it is memorized and active until power is removed unless a new password is presented or a valid DESELECT or IDLE command is received. Only one password is active at a time, but write passwords also give read access.
8.3
Authentication Protocol
The access to a user zone may be protected by an authentication protocol in addition to password dependent rights. Passwords are encrypted in authentication mode. The authentication success is memorized and active as long as the chip is powered, unless a new authentication is initialized or a valid DESELECT or IDLE command is received. If the new authentication request is not validated, the card loses its previous authentication and it must be presented again. Only the last request is memorized.
8.4
Encryption
The data exchanged between the card and the reader during Read, Write, and Check Password commands may be encrypted to ensure data confidentiality. The issuer may choose to protect the access to a user zone with an encryption key by settings made in the configuration memory. In that case, activation of the encryption mode is required in order to read/write data in the zone. The encryption activation success is memorized and active as long as the chip is powered, unless a new initialization is initiated or a valid DESELECT or IDLE command is received. If the new encryption activation request is not validated, the card will no longer encrypt data during read operations nor will it decrypt data received during write or Check Password operations.
8.5
Checksum
The PICC implements a data validity check function in the form of a checksum. The checksum may function in standard or cryptographic mode. In the standard mode, the checksum is optional and may be used for transmission error detection. The cryptographic mode is more powerful since it provides data origin authentication capability in the form of a Message Authentication Code (MAC). To write data to the device, the host is required to compute a valid MAC and provide it to the device. If after an ingoing command the device computes a MAC different from the
6
AT88SC6416CRF
5006DS-CRRF-04/09
AT88SC6416CRF
MAC transmitted by the host, not only is the command abandoned but the cryptographic mode is also reset. A new authentication is required to reactivate the cryptographic mode.
8.6
Initial Device Programming
CryptoRF is delivered with all security features disabled. To program the polling response or enable the security features of CryptoRF the device must be personalized by programming several registers. This is accomplished by programming the configuration memory using simple write and read commands.
8.7
Transport Password
To gain access to the configuration memory, a transport password known as the secure code must be presented using the Check Password command. The secure code for AT88SC6416CRF is $70 BA 2E.
9. Tuning Capacitance
The capacitance between the coil pins AC1 and AC2 is 82 pF nominal and may vary 10% over temperature and process variation.
10. Reliability
Table 10-1.
Parameter Write endurance Data retention
Reliability
Min 100,000 10 Typ - - Max - - Units Write Cycles Years
11. Mechanical
11.1 Engineering Samples
Sample Code AT88SC6416CRF-MR1 AT88SC6416CRF-L01B AT88SC6416CRF-MU1 AT88SC6416CRF-MS1
Sample Description R Module, 82 pF, on 35 mm tape RF Smart Card, ID-1 size, PVC RFID Tag, 17 mm diameter, on 35 mm tape RFID Tag, 10 x 20 mm size, on 35 mm tape
Maximum Range
8-10 cm 1-3 cm 10-15 mm
7
5006DS-CRRF-04/09
11.2
Ordering Information
Package R Module 6 mil wafer, 150 mm diameter Tuning Capacitor 82 pF 82 pF Temperature Range Commercial (0 C to 70 C) Industrial (-40 C to 85 C)
Ordering Code AT88SC6416CRF-MR1 AT88SC6416CRF-WA1
Package Type R Module
Description 2- lead RF Smart Card Module, XOA2 style, RoHS compliant
11.3
Packaging Information
Ordering Code: AT88SCxxxxCRF-MR1
Module Size: M5 Dimension: 5.06 x 8.00 [mm] Glob Top : Square - 4.8 x 5.1 [mm] Thi ckness : 0.38 [mm] Pitch : 9.5 [mm]
8
AT88SC6416CRF
5006DS-CRRF-04/09
Headquarters
Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
International
Atmel Asia Unit 1-5 & 16, 19/F BEA Tower, Millennium City 5 418 Kwun Tong Road Kwun Tong, Kowloon Hong Kong Tel: (852) 2245-6100 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-enYvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Product Contact
Web Site www.atmel.com Technical Support securerf@atmel.com Sales Contact www.atmel.com/contacts
Literature Requests www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c)2009 Atmel Corporation. All rights reserved. Atmel(R), Atmel logo and combinations thereof, Everywhere You Are(R), CryptoMemory(R), CryptoRF(R) and others, are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Innovatron(R) is a registered trademark of Innovatron. Other terms and product names may be trademarks of others.
5006DS-CRRF-04/09


▲Up To Search▲   

 
Price & Availability of AT88SC6416CRF09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X